Part Number Hot Search : 
15N25 U6805B OPR5013 IRFP142 LEAP2W01 SMBJ40A 9575GH 6N136
Product Description
Full Text Search
 

To Download CSX1-AD-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5X7 mm Low Profile SMD Crystal Frequency Range: Calibration Tolerance: Frequency Stability: Temperature Ranges: Storage: Shunt Capacitance: Drive Level: Aging: ESR: Packaging: 8MHz to 49.152MHz (fund) 10ppm to 50ppm 10ppm to 100ppm 0C to 70C ee Fr -20C to 70C ad HS t Le o an R pli -40C to 85C m Co -40C to 85C 5.0pF Max 50 uW Typical, 300uW Max 3ppm Max 1st/yr see table 1 1K Tape and Reel ** Custom Designs Available
CSX1 Model
Quartz Crystal
Designed to meet the precision and space requirements needed for wireless applications.
RECOMMENDED REFLOW SOLDERING PROFILE TEMPERATURE
260C 217C 200C 150C
Ramp-Up 3C/Sec Max. Critical Temperature Zone Ramp-Down 6C/Sec.
Preheat 180 Secs. Max. 8 Minutes Max.
90 Secs. Max.
260C for 10 Secs. Max. NOTE: Reflow Profile with 240C peak also acceptable.
0.2760.006 (7.00.15)
Top View
(4) (3)
0.1000.005 (2.540.13) 0.1970.006 (5.00.15)
Bottom View
#1 #4
0.055 (1.4)
CRYSTEK FREQ./DC
#2 #3
0.039 (1.0)
0.228 (5.8)
0.100 (2.54) 0.055 (1.4) 0.086 (2.2)
(1)
(2)
0.051 (1.3)
Dimensions inches (mm) All dimensions are Max unless otherwise specified.
Build Your Own P/N
CSX1-XX-XX-Freq
Frequency Stability over Temp Range
M N O P R S A E B C D H J K L 10 ppm 15 ppm 20 ppm 25 ppm 50 ppm 100 ppm 10 ppm 20 ppm 25 ppm 50 ppm 100 ppm 20 ppm 25 ppm 50 ppm 100 ppm (0 to 70C) (0 to 70C) (0 to 70C) (0 to 70C) (0 to 70C) (0 to 70C) (-20 to 70C) (-20 to 70C) (-20 to 70C) (-20 to 70C) (-20 to 70C) (-40 to 85C) (-40 to 85C) (-40 to 85C) (-40 to 85C)
Frequency Tolerance at 25C
A 10 ppm B 25 ppm C 50 ppm
Load Capacitance
S= 14= 16= 18= 20= 22= 25= 32= Series 14 pF 16 pF 18 pF 20 pF 22 pF 25 pF 32 pF
Resistance at series resonance Freq. (MHz) 8.0 - 20.0 (F) 20.1 - 49.0 (F) Table 1 Max ESR 50 40
Example:
CSX1-AB-18-45.000 = 10ppm at 25C, 25ppm -20 to 70C, 18pF Load Cap, 45.000MHz
PIN 1 2 3 4
Signal Crystal GND Crystal GND
Specifications subject to change without notice.
TD-021009 Rev. E


▲Up To Search▲   

 
Price & Availability of CSX1-AD-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X